Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
 

To Download ACT9211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output output differential voltag e offset voltag e part code s x part code sc # part code s c # : not for new design s output enable high enable hig h enable low enable hig h output enable low disable lo w disable high disable lo w period jitter(pk-pk) 20ps typical 25ps max iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com f a t r / t f v oh period jitter (rms) 2.0ps typical 3.0ps max specification ACT9211 lvpecl or lvds clock oscillator t osc 9.5000mhz ~ 200.00mhz -55oc~+125oc f/ f 0 frequency frequency stabilit y t stg v dd tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com tw/t ( inclusive of operating temperature, range, supply voltage & load ) please specif y the ACT9211 7x5mm lvpecl/ lvds oscillator is a miniature low profile device allowing for frequencies up to 200.0mhz to be available in a 7x5 mm smd package utilising fundamental and 3rd overtone crystals and without employing a multiplier. the metal lid is grounded through the ceramic package and the pads are gold plated. this device is particularly suited to communications wireless & networking applications and also to many other applications where an lvpecl or lvds output is desirable. these competitively priced devices are available packaged as loose or taped and reeled parts, to suit both low and higher volume requirements. duty cycle 20,30,50 or 100ppm symbol supply voltage i dd supply current (max) v ol output load n/cl output level ?1? output level ?0? start-up time rise & fall time (max ) aging in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice please note that all parameters can not necessarily be specified in the same device c us t omer t o s pec if y : f requency, f requency st a bilit y, v o lt age, o pera ti ng t empera t ure r ange, lvpecl or lvds & d u t y c y c phase jitter 0.7ps typical 1.0ps max @20~80% of waveform 3ppm/year ma x @ 25oc 10ms max 700ps typical, 1.5ns max (12khz ~ 20mhz ) paramete r specificatio n storage temp rang e operating temp range t opt conditio n please specif y please specif y f 0 0~+70oc /-10~+70c /-20~+70c / -40~+85oc 5010% std, 505% optional ( 50% of waveform) please specify lvpecl 2.5vdc 5% & 3.3v 5% please specify v dd -1.025v min please specif y lvds 2.5vdc 5% & 3.3v 5% 45ma max (2.5v ), 55ma max (3.3v) 1.1v max 1.4v min 247~454mv, 350mv typical 1.125~1.375v, 1.2v typical 65ma max (2.5v ), 80ma max (3.3v) v dd -1.620v max no connection(default) no connection(default) 100 issue : 4 skr date : 13/2/08 pad surface finish : au over ni tape and reel specification standard reel size 1k pieces com p lementar y out p u t


▲Up To Search▲   

 
Price & Availability of ACT9211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X